Part Number Hot Search : 
1100T LH2108A 3D6701 F1001 ER300 40FD0 2587P908 D5N50
Product Description
Full Text Search
 

To Download L6562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISL6562
TM
Data Sheet
March 2001
File Number
9012
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
The ISL6562 two-phase current mode, PWM control IC together with companion gate drivers, the HIP6601A, HIP6602A, HIP6603A or HIP6604 and MOSFETs provides a precision voltage regulation system for advanced microprocessors. Two-phase power conversion is a marked departure from earlier single phase converter configurations previously employed to satisfy the ever increasing current demands of modern microprocessors. Multi-phase converters, by distributing the power and load current results in smaller and lower cost transistors with fewer input and output capacitors. These reductions accrue from the higher effective conversion frequency with higher frequency ripple current due to the phase interleaving process of this topology. For example, a two phase converter operating at 350kHz per phase will have a ripple frequency of 700kHz. Moreover, greater converter bandwidth of this design results in faster response to load transients. Outstanding features of this controller IC include programmable VID codes from the microprocessor that range from 1.050V to 1.825V with an accuracy of 0.8%. Pull up currents on these VID pins eliminates the need for external pull up resistors. Another feature of this controller IC is the PWRGD monitor circuit which is held low until the CORE voltage increases, to within 18% of the programmed voltage. Over-voltage, 24% above programmed CORE voltage, results in the PWRGD output going low to indicate that the CORE is above the specified limit. Under voltage is also detected and results in PWRGD going low if the CORE voltage falls 18% below the programmed level. Over-current protection folds back the output voltage to 95mV, reducing the regulator dissipation. These features provide monitoring and protection for the microprocessor and power system.
Features
* Two-Phase Power Conversion * Precision Channel Current Sharing * Precision CORE Voltage Regulation - 0.8% Accuracy * Microprocessor Voltage Identification Input - 5-Bit VID Input - 1.050V to 1.825V in 25mV Steps - Programmable "Droop" Voltage * Fast Transient Recovery Time * Over Current Protection * High Ripple Frequency, (Channel Frequency Times Number of Channels). . . . . . . . . . . . .100kHz to 2MHz
Applications
* VRM8.5 Modules * Intel(R) Tualatin Processor Voltage Regulator * Low Output Voltage, High Current DC/DC Converters
Related Literature
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)"
Pinout
ISL6562 (SOIC) TOP VIEW
VID3 1 VID2 2 VID1 3 VID0 4 VID25mV 5 COMP 6 16 VCC 15 REF 14 CS13 PWM1 12 PWM2 11 CS+ 10 PWRGD 9 GND
Ordering Information
PART NUMBER ISL6562CB ISL6562CB-T ISL6560/62EVAL1 TEMP. (oC) 0 to 70 PACKAGE 16 Ld SOIC PKG. NO. M16.15
FB 7 CT 8
16 Ld SOIC Tape and Reel Evaluation Platform
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Americas Inc. Intel(R) is a registered trademark of Intel Corporation. | Copyright (c) Intersil Americas Inc. 2001, All Rights Reserved
ISL6562 Block Diagram
REF VCC
3V REFERENCE PWRGD + X 0.82
UVLO and BIAS CIRCUITS OSCILLATOR CT PWM1 CONTROL LOGIC PWM2 CMP
-
UV +
X1.24 VID3 VID2 VID1 VID0 VID25mV FB COMP D/A + E/A
-
OVP
+
CS+ CS-
-
-
GND
Simplified Power System Diagram
FB PWM 1 SYNCHRONOUS RECTIFIED BUCK CHANNEL MICROPROCESSOR PWM 2 SYNCHRONOUS RECTIFIED BUCK CHANNEL
Current Sense Comparator. Pulling this pin to ground disables the oscillator and drives both PWM outputs low.
FB (Pin 7)
Inverting input of the internal transconductance error amplifier.
ISL6562
CT (Pin 8)
A capacitor on this terminal sets the frequency of the internal oscillator.
VID
Functional Pin Description
VID3 1 VID2 2 VID1 3 VID0 4 VID25mV 5 COMP 6 FB 7 CT 8 16 VCC 15 REF 14 CS13 PWM1 12 PWM2 11 CS+ 10 PWRGD 9 GND
GND (Pin 9)
Bias and reference ground. All signals are referenced to this pin.
PWRGD (Pin 10)
Open drain connection. A high voltage level at this pin with a resistor connected to this terminal and VCC indicates that CORE voltage is at the proper level,
VID3 (Pin 1), VID2 (Pin 2), VID1 (Pin 3), VID0 (Pin 4) and VID25mV (Pin 5)
Voltage Identification inputs from microprocessor. These pins respond to TTL and 3.3V logic signals. The ISL6562 decodes VID bits to establish the output voltage. See Table 1.
CS+ (Pin 11) and CS- (Pin 14) These inputs monitor the supply current to the converter positive input voltage. CS+ is connected directly to the decoupled supply voltage and current sampling resistor. CS- is connected to the other end of the current sampling resistor and the upper drains of the series transistors. PWM2 (Pin 12) and PWM1 (Pin 13)
PWM outputs connected to the gate driver ICs.
REF (Pin 15)
Three volt supply used to bias the output of the transconductance amplifier.
COMP (Pin 6)
Output of the internal transconductance error amplifier. Voltage at this terminal sets the output current level of the
VCC (Pin 16)
Bias supply. Connect this pin to a 12V supply.
2
ISL6562
Absolute Maximum Ratings
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 15V CS+. CS- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V PWRGD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC All Other Inputs and Outputs . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5V ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . TBD Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . . TBD
Thermal Information
Thermal Resistance (Note 1) JA (oC/W) SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106 Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (SOIC - Lead Tips Only)
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125oC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V 10%
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
PARAMETER VCC SUPPLY CURRENT Input Supply Current Input Supply Current, UVLO Mode Undervoltage Lock Out Voltage Undervoltage Lock Out Hysteresis
Recommended Operating Conditions, Unless Otherwise Noted SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
ICC ICC(UVLO) VUVLO
VCC = 12V VCC VUVLO, VCC Rising
5.4 0.1
5.8 5.7 6.4 0.4
9.0 8.9 6.9 0.8
mA mA V V
DAC and REFERENCE VOLTAGES Minimum DAC Programed Voltage Middle DAC Programed Voltage Maximum DAC Programed Voltage Line Regulation Crowbar Trip Point at FB Input Crowbar Reset Point at FB Input Crowbar Response Time Reference Voltage Output Current VID INPUTS Input Low Voltage Input High Voltage VID Pull-Up Internal Pull-Up Voltage OSCILLATOR Maximum Frequency Frequency Variation CT Charging Current CT Charging Current ERROR AMPLIFIER Output Resistance Transconductance RO(ERR) gm(ERR) 2.0 200 2.2 2.4 k mS fCT(MAX) fCT ICT ICT TA = 25oC, CT = 91pF TA = 25oC, VFB in Regulation TA = 25oC, VFB = 0V 2.0 430 130 26 500 150 36 570 170 46 MHz kHz A A VIL(VID) VIH(VID) IVID VIDx = 0V or VIDx = 3V 2.2 10 4.5 20 5.0 0.6 40 5.5 V V A V VFB VFB VFB VFB VCROWBAR VCROWBAR ICROWBAR VREF IREF DAC Programmed to 1.050V DAC Programmed to 1.500V DAC Programmed to 1.825V VCC = 10V to 14V Percent of Nominal DAC Voltage Percent of Nominal DAC Voltage Overvoltage to PWM Going Low 0mA IREF 1mA 1.042 1.488 1.811 114 50 2.952 300 1.050 1.500 1.825 0.05 124 60 300 3.000 1.058 1.512 1.839 134 70 3.048 V V V % % % ns V A
3
ISL6562
Electrical Specifications
PARAMETER Output Current Input Bias Current Maximum Output Voltage Output Disable Threshold FB Low Foldback Threshold -3dB Bandwidth CURRENT SENSE Threshold Voltage VCS(TH) CS+ = VCC, FB Forced to VOUT - 3% 0.8 COMP 1V Current Limit Foldback Voltage VCOMP/VCS Input Bias Current Response Time POWER GOOD COMPARATOR Undervoltage Threshold Overvoltage Threshold Output Voltage Low Response Time PWM OUTPUTS Output Voltage Low Output Voltage High Output Current Duty Cycle Limit, by Design
.
Recommended Operating Conditions, Unless Otherwise Noted SYMBOL IO(ERR) IFB VCOMP(MAX) FB Forced to VOUT - 3% VCOMP(OFF) VFB(LOW) BWERR COMP = Open TEST CONDITIONS FB Forced to VOUT - 3% MIN 560 375 TYP 1 5 3.0 720 425 500 MAX 100 800 500 UNITS mA nA V mV mV kHz
69 37 -
79 0 47 25 0.5 50
89 15 58 5.0 -
mV mV mV V/V A ns
VCS(FOLD) ni ICS+, ICStCS
FB 375mV 1 V VCOMP 3V CS+ = CS- = VCC CS+ - (CS-) 89mV to PWM Going Low
VPWRGD(UV) Percent of Nominal Output VPWRGD(OV) Percent of Nominal Output VOL(PWRGD) IPWRGD(SINK) = 100A
76 114 -
82 124 30 200
88 134 200 -
% % mV ns
VOL(PWM) VOH(PWM) IPWM DMAX
IPWM(SINK) = 400A IPWM(SOURCE) = 400A
4.5 0.4
100 5.0 1 -
500 5.5 50
mV V mA %
Per Phase, Relative to fCT
-
VOLTAGE IDENTIFICATION CODE AT PROCESSOR PINS VID25mV 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VID3 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 VID2 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 VID1 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 VID0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
VCCCORE (VDC) 1.050 1.075 1.100 1.125 1.150 1.175 1.200 1.225 1.250 1.275 1.300 1.325 1.350 1.375 1.400 1.425
VOLTAGE IDENTIFICATION CODE AT PROCESSOR PINS VID25mV 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VID3 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 VID2 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 VID1 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 VID0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
VCCCORE (VDC) 1.450 1.475 1.500 1.525 1.550 1.575 1.600 1.625 1.650 1.675 1.700 1.725 1.750 1.775 1.800 1.825
4
ISL6562 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -BH 0.25(0.010) M BM
M16.15 (JEDEC MS-012-AC ISSUE C)
16 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL MIN 0.0532 0.0040 0.013 0.0075 0.3859 0.1497 MAX 0.0688 0.0098 0.020 0.0098 0.3937 0.1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 9.80 3.80 MAX 1.75 0.25 0.51 0.25 10.00 4.00 NOTES 9 3 4 5 6 7 8o Rev. 0 12/93
1
2
3 SEATING PLANE
L
A A1
h x 45o
-A-
B C D
D -C-
A
A1 0.10(0.004) C
E e H h L
e
B 0.25(0.010) M C AM BS
0.050 BSC 0.2284 0.0099 0.016 16 0o 8o 0.2440 0.0196 0.050
1.27 BSC 5.80 0.25 0.40 16 0o 6.20 0.50 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
N
All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at website www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation 2401 Palm Bay Rd., Mail Stop 53-204 Palm Bay, FL 32905 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil Ltd. 8F-2, 96, Sec. 1, Chien-kuo North, Taipei, Taiwan 104 Republic of China TEL: 886-2-2515-8508 FAX: 886-2-2515-8369
5


▲Up To Search▲   

 
Price & Availability of L6562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X